Part Number Hot Search : 
TLHR4405 200D05 TFS420A1 2N2222A AD9100SD SG6848DZ 1SN15T1G 60033
Product Description
Full Text Search
 

To Download 2SC4883A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2sc4883 2SC4883A description with to-220f package complement to type 2sa1859/1859a applications for audio output driver and tv velocity-modulation applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit 2sc4883 150 v cbo collector-base voltage 2SC4883A open emitter 180 v 2sc4883 150 v ceo collector-emitter voltage 2SC4883A open base 180 v v ebo emitter-base voltage open collector 6 v i c collector current 2 a i b base current 1 a p c collector dissipation t c =25 20 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220f) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2sc4883 2SC4883A characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2sc4883 150 v (br)ceo collector-emitter breakdown voltage 2SC4883A i c =10ma ; i b =0 180 v v cesat collector-emitter saturation voltage i c =0.7a;i b =70ma 1.0 v 2sc4883 v cb =150v;i e =0 10 a i cbo collector cut-off current 2SC4883A v cb =180v;i e =0 10 a i ebo emitter cut-off current v eb =6v; i c =0 10 a h fe dc current gain i c =0.7a ; v ce =10v 60 240 f t transition frequency i c =-0.7a ; v ce =12v 120 mhz c ob output capacitance i e =0 ; v cb =10v;f=1mhz 30 pf switching time t on turn-on time 0.50 s t s storage time 1.50 s t f fall time i c =1a ;i b1 =-i b2 =0.1a v cc =20v ,r l =20 c 0.50 s
savantic semiconductor product specification 3 silicon npn power transistors 2sc4883 2SC4883A package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon npn power transistors 2sc4883 2SC4883A


▲Up To Search▲   

 
Price & Availability of 2SC4883A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X